データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCA2129T/Q900/2 データシート(PDF) 82 Page - NXP Semiconductors

部品番号 PCA2129T/Q900/2
部品情報  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129T/Q900/2 データシート(HTML) 82 Page - NXP Semiconductors

Back Button PCA2129T/Q900/2 Datasheet HTML 76Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 77Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 78Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 79Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 80Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 81Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 82Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 83Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 84Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
82 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
27. Figures
Fig 1.
Block diagram of PCA2129 . . . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration for PCA2129 (SO16) . . . . . . . . .4
Fig 3.
Position of the stubs from the package assembly
process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 4.
Handling address registers . . . . . . . . . . . . . . . . . .6
Fig 5.
Battery switch-over behavior in standard mode with
bit BIE set logic 1 (enabled) . . . . . . . . . . . . . . . . .18
Fig 6.
Battery switch-over behavior in direct switching
mode with bit BIE set logic 1 (enabled) . . . . . . . .19
Fig 7.
Battery switch-over circuit, simplified block
diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
Fig 8.
Battery low detection behavior with bit BLIE set logic
1 (enabled). . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 9.
Typical driving capability of VBBS: (VBBS - VDD) with
respect to the output load current IBBS. . . . . . . . .22
Fig 10. Power failure event due to battery discharge: reset
occurs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 11. Dependency between POR and oscillator . . . . . .24
Fig 12. Power-On Reset (POR) system. . . . . . . . . . . . . .24
Fig 13. Power-On Reset Override (PORO) sequence, valid
for both I2C-bus and SPI-bus. . . . . . . . . . . . . . . .25
Fig 14. Data flow of the time function. . . . . . . . . . . . . . . .30
Fig 15. Access time for read/write operations . . . . . . . . .31
Fig 16. Alarm function block diagram. . . . . . . . . . . . . . . .32
Fig 17. Alarm flag timing diagram . . . . . . . . . . . . . . . . . .35
Fig 18. WD_CD set logic 1: watchdog activates an interrupt
when timed out . . . . . . . . . . . . . . . . . . . . . . . . . .38
Fig 19. Timestamp detection with two push-buttons on the
TS pin (for example, for tamper detection) . . . . .39
Fig 20. Interrupt block diagram . . . . . . . . . . . . . . . . . . . .45
Fig 21. INT example for SI and MI when TI_TP is logic 146
Fig 22. INT example for SI and MI when TI_TP is logic 046
Fig 23. Example of shortening the INT pulse by clearing the
MSF flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .47
Fig 24. AF timing diagram . . . . . . . . . . . . . . . . . . . . . . . .48
Fig 25. STOP bit functional diagram . . . . . . . . . . . . . . . .49
Fig 26. STOP bit release timing . . . . . . . . . . . . . . . . . . . .50
Fig 27. Interface selection . . . . . . . . . . . . . . . . . . . . . . . .51
Fig 28. SDI, SDO configurations . . . . . . . . . . . . . . . . . . .51
Fig 29. Data transfer overview . . . . . . . . . . . . . . . . . . . . .52
Fig 30. SPI-bus write example . . . . . . . . . . . . . . . . . . . . .53
Fig 31. SPI-bus read example . . . . . . . . . . . . . . . . . . . . .53
Fig 32. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54
Fig 33. Definition of START and STOP conditions. . . . . .54
Fig 34. System configuration . . . . . . . . . . . . . . . . . . . . . .55
Fig 35. Acknowledgement on the I2C-bus . . . . . . . . . . . .55
Fig 36. Bus protocol, writing to registers . . . . . . . . . . . . .56
Fig 37. Bus protocol, reading from registers . . . . . . . . . .56
Fig 38. Device diode protection diagram of PCA2129 . . .57
Fig 39. IOL on pin SDA/CE . . . . . . . . . . . . . . . . . . . . . . . .61
Fig 40. IDD as a function of temperature . . . . . . . . . . . . .61
Fig 41. IDD as a function of VDD . . . . . . . . . . . . . . . . . . . .62
Fig 42. Typical IDD as a function of the power management
settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .63
Fig 43. Typical characteristic of frequency with respect to
temperature of PCA2129 . . . . . . . . . . . . . . . . . . .64
Fig 44. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Fig 45. I2C-bus timing diagram; rise and fall times refer to
30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Fig 46. General application diagram . . . . . . . . . . . . . . . . 69
Fig 47. Package outline SOT162-1 (SO16)
of PCA2129T. . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Fig 48. Footprint information for reflow soldering of
SOT162-1 (SO16) of PCA2129T . . . . . . . . . . . . 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84