| データシートサーチシステム |
|
L6728TR データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6728TR データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 32 page ![]() L6728 20A demo board 23/32 Table 6. 20A demo board - bill of material Qty Reference Description Package Capacitors 2 C1, C2 Electrolityc Capacitor 1800 µF 16V Radial 10 x 25mm 7 C3 to C9 Not Mounted na 1 C10 MLCC, 100nF, 16V, X7R SMD0603 3 C11 to C13 MLCC, 4.7 µF, 16V, X7R SMD1206 2C14, C38 MLCC, 1 µF, 16V, X7R SMD0805 13 C16, C17, C21, C22, C25, C26, C27, C28, C29, C30, C34 Not Mounted na 2 C15, C19 MLCC, 10 µF, 16V, X5R SMD1206 2 C18, C20 Electrolityc Capacitor 2200 µF 6.3V Radial 10 x 20mm 1 C23 MLCC, 6.8nF, X7R SMD0603 1 C24 MLCC, 33nF, X7R 1 C35 MLCC, 68pF, X7R 2 C36, C37 Not Mounted na Resistors 4 R1, R2, R20, R17 Resistor, 3R3, 1/16W, 1% SMD0603 4 R3, R5, R11, R16 Resistor, 0R, 1/8W, 1% SMD0805 1 R4 Resistor, 1R8, 1/8W, 1% 5 R10, R12, R14, R15, R21 Not Mounted na 2 R6, R9 Resistor, 2K2, 1/16W, 1% SMD0603 2 R8, R13 Resistor, 3K9, 1/16W, 1% 1 R7 Resistor, 18K, 1/16W, 1% 1 R19 Resistor, 22K, 1/16W, 1% 1 R18 Resistor, 20K, 1/16W, 1% Inductor 1L1 Inductor, 1.25 µH, T60-18, 6Turns, 2xAWG18 na Active Components 1 D1 Diode, 1N4148 SOT23 3 Q1 to Q4 Not Mounted na 1 Q5 STD70NH02L DPACK 1 Q6 STD80NH02L 1 U1 Controller, L6728 DFN10, 3x3mm |