データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L79L05ACZ データシート(PDF) 19 Page - STMicroelectronics

部品番号 L79L05ACZ
部品情報  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L05ACZ データシート(HTML) 19 Page - STMicroelectronics

Back Button L79L05ACZ Datasheet HTML 14Page - STMicroelectronics L79L05ACZ Datasheet HTML 15Page - STMicroelectronics L79L05ACZ Datasheet HTML 16Page - STMicroelectronics L79L05ACZ Datasheet HTML 17Page - STMicroelectronics L79L05ACZ Datasheet HTML 18Page - STMicroelectronics L79L05ACZ Datasheet HTML 19Page - STMicroelectronics L79L05ACZ Datasheet HTML 20Page - STMicroelectronics L79L05ACZ Datasheet HTML 21Page - STMicroelectronics L79L05ACZ Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
L79LxxAB - L79LxxAC - L79LxxC
Package mechanical data
19/22
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
4.80
0.189
T
3.80
0.150
T1
1.60
0.063
T2
2.30
0.091
d0.48
0.019
P0
12.5
12.9
0.492
0.508
P2
5.65
7.05
0.222
0.278
F1, F2
2.44
2.54
2.94
0.096
0.100
0.116
delta H
±2
0.079
W
17.5
18.00
19.0
0.689
0.709
0.748
W0
5.7
6.3
0.224
0.248
W1
8.5
9.25
0.3350.364
W2
0.50
0.20
H18.50
18.70
0.728
0.726
H0
15.50
16.50
0.610
0.650
H1
25.00
0.984
D0
3.8
4.2
0.150
0.165
t0.900.035
L1
3
0.118
delta P±1
0.039
u
50
1.968
Φ1
360
14.173
Φ2
301.181
Tape & reel for TO-92 mechanical data
W
W1
W0
W2
A1
d
D0
H1
H
H0
L
l1
F1 F2
P2
P0
delta P
delta H
T2
T1
T
t
DRAWING NOT IN SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22