| データシートサーチシステム |
|
AC1060R-R24_ データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
AC1060R-R24_ データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() AC1060R Series – Air Coil Inductors Product Dimensions 6.35 (.250) MAX. End View Side View Bottom View 10.55 (.415) MAX. 7.12 (.280) MAX. 5.9 (.232) MAX. 0 ° 90 ° TINNED AREA THE END OF THE TINNED AREA BETWEEN 30 ° AND 180 ° 0 ° 180 ° 30 ° ± 5 ° 1.02 ± 0.39 (.040 ± .015) 7.98 ± 0.51 (.314 ± .020) DIMENSIONS: MM (INCHES) Recommended Layout DIMENSIONS: MM (INCHES) 2.04 (.080) 4.7 (.185) 2.42 (.095) 7.98 (.314) How to Order AC1060R - 90N __ Model Value Code (See Table) Tolerance G = ±2 % J = ±5 % Inductance vs. IDC 1000 800 600 400 200 0 1 10 FREQUENCY (MHz) 100 1000 R53 R30 R17 90N 160 140 120 100 80 60 40 10 100 FREQUENCY (MHz) 1000 R30 R53 R17 90N Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. |