| データシートサーチシステム |
|
ADPL42002ARDZ-3.3-R7 データシート(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPL42002ARDZ-3.3-R7 データシート(HTML) 17 Page - Analog Devices |
|
17 / 22 page ![]() Data Sheet ADPL42002 analog.com Rev. 1 17 of 22 Noise Reduction of the ADPL42002 in Adjustable Mode The ultralow output noise of the ADPL42002 is achieved by keeping the LDO error amplifier in unity gain and setting the reference voltage equal to the output voltage. This architecture does not work for an adjustable output voltage LDO in the conventional sense. However, the ADPL42002 architecture allows any fixed output voltage to be set to a higher voltage with an external voltage divider. For example, a fixed 5V output can be set to a 10V output according to Equation 3 (see Figure 32): VOUT = 5 V(1 + R1/R2) (8) The disadvantage of using the ADPL42002 in this manner is that the output voltage noise is proportional to the output voltage. Therefore, it is best to choose a fixed output voltage that is close to the target voltage to minimize the increase in output noise. The adjustable LDO circuit can be modified to reduce the output voltage noise to levels close to that of the fixed output ADPL42002. The circuit shown in Figure 32 adds two additional components to the output voltage setting resistor divider. CNR and RNR are added in parallel with R1 to reduce the AC gain of the error amplifier. RNR is chosen to be small with respect to R2. If RNR is 1% to 10% of the value of R2, the minimum AC gain of the error amplifier is approximately 0.1dB to 0.8dB. The actual gain is determined by the parallel combination of RNR and R1. This gain ensures that the error amplifier always operates at slightly greater than unity gain. CNR is chosen by setting the reactance of CNR equal to R1 − RNR at a frequency between 1Hz and 50Hz. This setting places the frequency where the AC gain of the error amplifier is 3dB down from the DC gain. Figure 32. Noise Reduction Modification Effect of Noise Reduction on Start-Up Time The start-up time of the ADPL42002 is affected by the noise reduction network and must be considered in applications where power supply sequencing is critical. The noise reduction circuit adds a pole in the feedback loop, slowing down the start-up time. To approximate the start-up time for an adjustable model with a noise reduction network using the following equation: SSNRTIME (sec) = 5.5 × CNR × (RNR + RFB1) (9) For a CNR, RNR, and R1 combination of 1µF, 10kΩ, and 100kΩ, as shown in Figure 32, the start-up time is approximately 0.6sec. When SSNRTIME is greater than SSTIME, SSNRTIME dictates the length of the start-up time instead of the soft-start capacitor. VIN = 12V 100kΩ 200kΩ CIN 2.2µF ON OFF + VOUT = 10V COUT 2.2µF RNR 10kΩ R2 100kΩ + R1 100kΩ CNR 1µF + CSS 1nF VOUT SENSE/ADJ VIN ADPL42002 GND EN SS |