データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1762WACPZ-1.5-R7 データシート(PDF) 17 Page - Analog Devices

部品番号 ADP1762WACPZ-1.5-R7
部品情報  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1762WACPZ-1.5-R7 データシート(HTML) 17 Page - Analog Devices

Back Button ADP1762WACPZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP1762WACPZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP1762WACPZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP1762WACPZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP1762WACPZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP1762WACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP1762WACPZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP1762WACPZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP1762WACPZ-1.5-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADP1762
Rev. D | Page 17 of 19
PCB LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP1762.
However, as shown in Table 8, a point of diminishing returns is
eventually reached, beyond which an increase in the copper size
does not yield significant heat dissipation benefits.
Use the following recommendations when designing PCBs:
Place the input capacitor as close as possible to the VIN
and GND pins.
Place the output capacitor as close as possible to the
VOUT and GND pins.
Place the soft start capacitor (CSS) as close as possible to the
SS pin.
Place the reference capacitor (CREF) and regulator capacitor
(CREG) as close as possible to the REFCAP pin and the
VREG pin, respectively.
Connect the load as close as possible to the VOUT and
SENSE pins.
Use of 0603 or 0805 size capacitors and resistors achieves the
smallest possible footprint solution on boards where area is
limited.
Figure 44. Evaluation Board
Figure 45. Typical Board Layout, Top Side
Figure 46. Typical Board Layout, Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19