データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD54HC297 データシート(PDF) 2 Page - Texas Instruments

部品番号 CD54HC297
部品情報  High-Speed CMOS Logic Digital Phase-Locked Loop
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC297 データシート(HTML) 2 Page - Texas Instruments

  CD54HC297 Datasheet HTML 1Page - Texas Instruments CD54HC297 Datasheet HTML 2Page - Texas Instruments CD54HC297 Datasheet HTML 3Page - Texas Instruments CD54HC297 Datasheet HTML 4Page - Texas Instruments CD54HC297 Datasheet HTML 5Page - Texas Instruments CD54HC297 Datasheet HTML 6Page - Texas Instruments CD54HC297 Datasheet HTML 7Page - Texas Instruments CD54HC297 Datasheet HTML 8Page - Texas Instruments CD54HC297 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
The phase detector generates an error signal waveform that,
at zero phase error, is a 50% duty factor square wave. At the
limits of linear operation, the phase detector output will be
either HIGH or LOW all of the time depending on the direction
of the phase error (
φIN - φOUT). Within these limits the phase
detector output varies linearly with the input phase error
according to the gain Kd, which is expressed in terms of
phase detector output per cycle or phase error. The phase
detector output can be defined to vary between
±1 according
to the relation:
The output of the phase detector will be Kdφe, where the
phase error
φe = φIN - φOUT.
EXCLUSIVE-OR phase detectors (XORPD) and edge-con-
trolled phase detectors (ECPD) are commonly used digital
types. The ECPD is more complex than the XORPD logic
function but can be described generally as a circuit that
changes states on one of the transitions of its inputs. The gain
(Kd) for an XORPD is 4 because its output remains HIGH
(XORPDOUT = 1) for a phase error of one quarter cycle.
Similarly, Kd for the ECPD is 2 since its output remains HIGH
for a phase error of one half cycle. The type of phase detector
will determine the zero-phase-error point, i.e., the phase sep-
aration of the phase detector inputs for a
φe defined to be
zero. For the basic DPLL system of Figure 3,
φe = 0 when the
phase detector output is a square wave.
The XORPD inputs are one quarter cycle out-of-phase for
zero phase error. For the ECPD,
φe = 0 when the inputs are
one half cycle out of phase.
The phase detector output controls the up/down input to the
K-counter. The counter is clocked by input frequency Mfc
which is a multiple M of the loop center frequency fc. When
the K-counter recycles up, it generates a carry pulse. Recy-
cling while counting down generates a borrow pulse. If the
carry and the borrow outputs are conceptually combined into
one output that is positive for a carry and negative for a bor-
row, and if the K-counter is considered as a frequency divider
with the ratio Mfc/K, the output of the K-counter will equal the
input frequency multiplied by the division ratio. Thus the out-
put from the K-counter is (KdφeMfc)/K.
The carry and borrow pulses go to the increment/decrement
(I/D) circuit which, in the absence of any carry or borrow
pulses has an output that is one half of the input clock (I/DCP).
The input clock is just a multiple, 2N, of the loop center fre-
quency. In response to a carry of borrow pulse, the I/D circuit
will either add or delete a pulse at I/DOUT. Thus the output of
the I/D circuit will be Nfc + (KdφeMfc)/2K.
The output of the N-counter (or the output of the phase-
locked-loop) is thus: fo = fc + (KdφeMfc)/2KN.
If this result is compared to the equation for a first-order ana-
log phase-locked-loop, the digital equivalent of the gain of the
VCO is just Mfc/2KN or fc/K for M = 2N.
Thus, the simple first-order phase-locked-loop with an adjust-
able K-counter is the equivalent of an analog phase-locked-
loop with a programmable VCO gain.
Functional Diagram
phase detector output =
%HIGH - %LOW
100
--------------------------------------------
FUNCTION TABLE
EXCLUSIVE-OR PHASE DETECTOR
φA1
φB
XORPD OUT
LL
L
LH
H
HL
H
HH
L
FUNCTION TABLE
EDGE-CONTROLLED PHASE DETECTOR
φA2
φB
ECPD OUT
H or L
↓
H
↓
H or L
L
H or L
↑
No Change
↑
H or L
No Change
H = Steady-State High Level, L = Steady-State Low Level,
↑ = LOW
to HIGH
φ Transition, ↓ = HIGH to LOW φ Transition
K-COUNTER FUNCTION TABLE
(DIGITAL CONTROL)
DCBA
MODULO
(K)
LLLL
Inhibited
LLL
H
23
LL
H
L
24
LL
H
H
25
LHL
L
26
LHLH
27
LH
HL
28
L
HHH
29
H
LLL
210
HL
LH
211
HLHL
212
HLH
H
213
HH
L
L
214
HH
L
H
215
HHH
L
216
HHHH
217
MODULO-K
COUNTER
KCP
D/U
ENCTR
4
6
3
5
9
10
13
14 15
1
2
CARRY
BORROW
I/D
CKT
DCBA
I/DCP
φA
1
φB
φA
2
J
F/F
Q
K
7
11
12
I/DOUT
XORPDOUT
ECPDOUT
CD54HC297, CD74HC297, CD74HCT297
CD54HC297, CD74HC297, CD74HCT297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16