| データシートサーチシステム |
|
CSD96497 データシート(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CSD96497 データシート(HTML) 4 Page - Texas Instruments |
|
4 / 10 page ![]() C 22X 0.3 0.2 5.4 0.1 10X 0.6 0.4 2X 5 3.3 0.1 20X 0.5 1.05 MAX 0.05 0.00 2X (0.31) 2X 0.6 0.4 B 5.1 4.9 A 6.1 5.9 (0.2) TYP 2X (2) 4X (0.25) (0.51) (0.51) TYP 4223036/A 07/2016 PIN 1 INDEX AREA SEATING PLANE 0.08 C NOTE 4 TYP 1 6 7 12 (OPTIONAL) PIN 1 ID 0.1 C A B 0.05 C EXPOSED THERMAL PAD 13 NOTES: NOTE 4 4 CSD96497Q5MC SLPS714A – JANUARY 2019 – REVISED MARCH 2019 www.ti.com Submit Documentation Feedback Copyright © 2019, Texas Instruments Incorporated 6 Mechanical, Packaging, and Orderable Information The following pages include mechanical, packaging, and orderable information. This information is the most current data available for the designated devices. This data is subject to change without notice and revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation. 6.1 Mechanical Drawing 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. The package thermal pads must be soldered to the printed circuit board for thermal and mechanical performance. 4. Exposed tie bar features may vary. |