データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS340 データシート(PDF) 8 Page - STMicroelectronics

部品番号 STPS340
部品情報  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340 データシート(HTML) 8 Page - STMicroelectronics

Back Button STPS340_07 Datasheet HTML 3Page - STMicroelectronics STPS340_07 Datasheet HTML 4Page - STMicroelectronics STPS340_07 Datasheet HTML 5Page - STMicroelectronics STPS340_07 Datasheet HTML 6Page - STMicroelectronics STPS340_07 Datasheet HTML 7Page - STMicroelectronics STPS340_07 Datasheet HTML 8Page - STMicroelectronics STPS340_07 Datasheet HTML 9Page - STMicroelectronics STPS340_07 Datasheet HTML 10Page - STMicroelectronics STPS340_07 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package Information
STPS340
8/11
Figure 22.
SMB Flat footprint (dimensions in mm)
Table 6.
SMB Flat dimensions
Ref.
Dimensions
Millimeters
Inches
Min. Typ. Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.043
b(1)
1.
Applies to plated leads
1.95
2.20
0.077
0.087
c(1)
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.200
0.220
E1
4.05
4.60
0.189
0.181
L
0.75
1.50
0.029
0.059
L1
0.40
0.016
L2
0.60
0.024
D
A
L
L
L1
L2
E E1
b
c
1.20
1.20
3.44
5.84
2.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11