| データシートサーチシステム |
|
102 データシート(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
102 データシート(HTML) 2 Page - 3M Electronics |
|
2 / 6 page ![]() 3 Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ Mini D Ribbon (MDR) Connectors .050 ″ Surface Mount Right Angle Receptacle - Shielded 102 Series Contact Quantity Dimensions A ±.008 B ±.006 C ±.006 D ±.006 E ±.006 14 1.16 [ 29.5 ] .931 [ 23.64 ] .500 [ 12.70 ] .325 [ 8.26 ] .496 [ 12.6 ] 20 1.32 [ 33.4 ] 1.081 [ 27.45 ] .650 [ 16.51 ] .475 [ 12.07 ] .646 [ 16.4 ] 26 1.50 [ 38.2 ] 1.231 [ 31.26 ] .800 [ 20.32 ] .625 [ 15.88 ] .795 [ 20.2 ] 40 1.85 [ 47.1 ] 1.581 [ 40.15 ] 1.150 [ 29.21 ] .975 [ 24.77 ] 1.150 [ 29.2 ] 50 2.06 [ 52.4 ] 1.831 [ 46.50 ] 1.400 [ 35.56 ] 1.225 [ 31.12 ] 1.398 [ 35.5 ] 102XX-1210PE .0 .0 0 .0 0 0 in c h ± .1 ± .0 1 ± .0 0 5 [ ] D im ens ions fo r R e fe rence On ly T o le rance U n le ss N o te d [m m ] In c h TS-0755-C Sheet 2 of 3 Contact Quantity (See Table) Ordering Information Note: Use ( M2.5x8 mm ) screws to mount to panel with max. thickness of .079 [ 2.0 ]. Position 1 C B .189 [ 4.80 ] last position 2X M2.5 Thread (see note in ordering info) .248 [ 6.30 ] Positioning Boss (2x) Position A E D .394 [ 10.00 ] .203 [ 5.15 ] 2X .138 [ 3.5 ] .025 [ 0.635 ] .010 nom. [ 0.25 ] .19 [ 4.8 ] .368 [ 9.35 ] .187 [ 4.75 ] 2X M2.5 Thread last position position above last position position below pos. 1 position 1 position 2 .047 [ 1.20 ] |