| データシートサーチシステム |
|
ADS5411IPGPR データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5411IPGPR データシート(HTML) 21 Page - Texas Instruments |
|
21 / 24 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) ADS5411IPGP PGP HTQFP 52 160 8 x 20 150 315 135.9 7620 15.2 13.1 13 ADS5411IPGP.B PGP HTQFP 52 160 8 x 20 150 315 135.9 7620 15.2 13.1 13 Pack Materials-Page 3 |