| データシートサーチシステム |
|
AMC80AIPWR.A データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AMC80AIPWR.A データシート(HTML) 7 Page - Texas Instruments |
|
7 / 31 page ![]() AMC80 www.ti.com SBOS559B – MAY 2011 – REVISED OCTOBER 2015 Electrical Characteristics (continued) At TA –40°C to +125°C and V+ = 3 V to 5.5 V, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT FAN RPM-TO-DIGITAL CONVERTER FANERR Fan RPM error –10% 10% fCLK Internal clock frequency 20.2 22.5 24.8 kHz Divisor = 1, fan count = 153 8800 Divisor = 2, fan count = 153 4400 FANRPM FAN1 and FAN2 nominal input RPM RPM Divisor = 3, fan count = 153 2200 Divisor = 4, fan count = 153 1100 FSC Full-scale count 255 Counts POWER SUPPLY V+ Specified voltage range 3 5.5 V V+ = 5.5 V 100 IQA Quiescent current, average µA V+ = 3.8 V 25 V+ = 5.5 V 100 IQSD Quiescent current, shutdown mode µA V+ = 3.8 V 25 TEMPERATURE TA Specified range -40 125 °C Copyright © 2011–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: AMC80 |