データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5822 データシート(PDF) 3 Page - STMicroelectronics

部品番号 1N5822
部品情報  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5822 データシート(HTML) 3 Page - STMicroelectronics

  1N5822 Datasheet HTML 1Page - STMicroelectronics 1N5822 Datasheet HTML 2Page - STMicroelectronics 1N5822 Datasheet HTML 3Page - STMicroelectronics 1N5822 Datasheet HTML 4Page - STMicroelectronics 1N5822 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF(av)(A)
Tamb(°C)
T
δ=tp/T
tp
Rth(j-a)=80°C/W
Rth(j-a)=Rth(j-l)=25°C/W
Fig. 2-1: Average forward current versus ambient
temperature (
δ=0.5) (1N5820/1N5821).
1E-3
1E-2
1E-1
1E+0
0
2
4
6
8
10
12
14
16
IM(A)
t(s)
Ta=100°C
Ta=75°C
Ta=25°C
IM
t
δ=0.5
Fig. 3-1:
Non repetitive surge peak forward
current
versus
overload
duration
(maximum
values) (1N5820/1N5821).
1E-1
1E+0
1E+1
1E+2
1E+3
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
tp(s)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
Fig. 4: Relative variation of thermal impedance
junction to ambient versus pulse duration (epoxy
printed circuit board, e(Cu)=35mm, recommended
pad layout).
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF(av)(A)
Tamb(°C)
T
δ=tp/T
tp
Rth(j-a)=80°C/W
Rth(j-a)=Rth(j-l)=25°C/W
Fig. 2-2: Average forward current versus ambient
temperature (
δ=0.5) (1N5822).
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
9
10
11
12
IM(A)
t(s)
Ta=100°C
Ta=75°C
Ta=25°C
IM
t
δ=0.5
Fig. 3-2:
Non repetitive surge peak forward
current
versus
overload
duration
(maximum
values) (1N5822).
12
5
10
20
40
10
100
600
C(pF)
VR(V)
1N5822
1N5820
1N5821
F=1MHz
Tj=25°C
Fig. 5: Junction capacitance versus reverse
voltage applied (typical values).
1N582x
3/5



Html Pages

1 2 3 4 5