| データシートサーチシステム |
|
3AG 1-R データシート(PDF) 2 Page - Bel Fuse Inc. |
|
|
|||||||||||||||||||||||||||||
3AG 1-R データシート(HTML) 2 Page - Bel Fuse Inc. |
|
2 / 4 page ![]() Type 3AG 2 / 4 Bel Fuse Inc. 300 Executive Drive, Suite 300, West Orange, NJ 07052 USA +1 201.432.0463 Bel.US.CS@belf.com belfuse.com/circuit-protection © 2025 Bel Fuse, Inc. Rev. 3AG Feb2025 Environmental Specifications Shock Resistance MIL-STD-202G, Method 213B, Test Condition 1 (100 G's peak for 6 milliseconds; Sawtooth waveform) Vibration Resistance MIL-STD-202G, Method 201A (10-55 Hz, 0.06 inch, total excursion). Salt Spray Resistance MIL-STD-202G, Method 101E, Test Condition B (48 hrs). Insulation Resistance MIL-STD-202G, Method 302, Test Condition A (After Opening) 10,000 ohms minimum. Solderability MIL-STD-202G, Method 208H Resistance to solder Heat MIL-STD-202G, Method 210F, Test Condition B (260+/-5 ℃,10+/-1 sec) Thermal Shock MIL-STD-202G, Method 107G, Test Condition B (-65 ℃ to +125℃). Operating Temperature -55 ℃ to +125℃ Terminal Strength IEC-68-2-21 Electrical Specifications Consult manufacturer for other ratings Catalog Number Ampere Rating Typical Cold Resistance (ohms) Volt-drop @100%In (Volt) max. Voltage and Interrupting Ratings Melting I²T <10 mSec (A²Sec) Melting I²T @10 In (A²Sec) Maximum Power Dissipation (W) Agency Approvals 3AG 500-R 500mA 1.19 3.17 See Table of Safety Approvals on Page 1 for Voltage and associated Interrupting Ratings 0.14 0.11 1.88 Y Y 3AG 750-R 750mA 0.66 2.54 0.19 0.17 2.15 Y Y 3AG 1-R 1A 0.155 0.28 1.4 1.4 0.37 Y Y 3AG 1.25-R 1.25A 0.114 0.27 2.4 2.5 0.44 Y Y 3AG 1.6-R 1.6A 0.085 0.27 4.2 4.4 0.51 Y Y 3AG 2-R 2A 0.057 0.22 7.2 7.6 0.59 Y Y 3AG 2.5-R 2.5A 0.043 0.21 12 13 0.70 Y Y 3AG 3-R 3A 0.033 0.17 21 23 0.83 Y Y 3AG 3.5-R 3.5A 0.027 0.18 28 31 0.91 Y Y 3AG 4-R 4A 0.024 0.17 36 40 1.00 Y Y 3AG 5-R 5A 0.018 0.16 63 70 1.20 Y Y 3AG 6-R 6A 0.014 0.15 107 123 1.40 Y Y 3AG 7-R 7A 0.012 0.16 141 162 1.60 Y Y 3AG 8-R 8A 0.010 0.15 184 214 1.70 Y Y 3AG 10-R 10A 0.008 0.13 316 372 2.00 Y Y 3AG 12-R 12A 0.006 0.13 501 597 2.40 Y Y 3AG 15-R 15A 0.005 0.13 1400 1500 1.80 Y Y Specifications subject to change without notice |