データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G474CBH6 データシート(PDF) 54 Page - STMicroelectronics

部品番号 STM32G474CBH6
部品情報  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 データシート(HTML) 54 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 50Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 51Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 52Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 53Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 54Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 55Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 56Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 57Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 232 page
background image
Pinouts and pin description
STM32G474xB STM32G474xC STM32G474xE
54/232
DS12288 Rev 1
4.7
WLCSP81 pinout description
Figure 11. STM32G474xB/xC/xE WLCSP81 pinout
1. The above figure shows the package top view.
4.8
TFBGA100 pinout description
Figure 12. STM32G474xB/xC/xE TFBGA100 pinout
1. The above figure shows the package top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More