| データシートサーチシステム |
|
STM32G474XC データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474XC データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 232 page ![]() This is information on a product in full production. May 2019 DS12288 Rev 1 1/232 STM32G474xB STM32G474xC STM32G474xE Arm® Cortex®-M4 32b MCU+FPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer Datasheet - production data Features • Core: Arm® 32-bit Cortex®-M4 CPU with FPU, Adaptive real-time accelerator (ART Accelerator) allowing 0-wait-state execution from Flash memory, frequency up to 170 MHz with 213 DMIPS, MPU, DSP instructions • Operating conditions: – VDD, VDDA voltage range: 1.71 V to 3.6 V • Mathematical hardware accelerators – CORDIC for trigonometric functions acceleration – FMAC: Filter mathematical accelerator • Memories – 512 Kbytes of Flash memory with ECC support, two banks read-while-write, proprietary code readout protection (PCROP), securable memory area, 1 Kbyte OTP – 96 Kbytes of SRAM, with hardware parity check implemented on the first 32 Kbytes – Routine booster: 32 Kbytes of SRAM on instruction and data bus, with hardware parity check (CCM SRAM) – External memory interface for static memories FSMC supporting SRAM, PSRAM, NOR and NAND memories – Quad-SPI memory interface • Reset and supply management – Power-on/power-down reset (POR/PDR/BOR) – Programmable voltage detector (PVD) – Low-power modes: sleep, stop, standby and shutdown –VBAT supply for RTC and backup registers • Clock management –4 to 48 MHz crystal oscillator – 32 kHz oscillator with calibration – Internal 16 MHz RC with PLL option (± 1%) – Internal 32 kHz RC oscillator (± 5%) • Up to 107 fast I/Os – All mappable on external interrupt vectors – Several I/Os with 5 V tolerant capability • Interconnect matrix • 16-channel DMA controller • 25 x 12-bit ADCs 0.25 µs, up to 42 channels. Resolution up to 16-bit with hardware oversampling, 0 to 3.6 V conversion range • 7 x 12-bit DAC channels – 3 x buffered external channels 1 MSPS – 4 x unbuffered internal channels 15 MSPS • 7 x ultra-fast rail-to-rail analog comparators • 6 x operational amplifiers that can be used in PGA mode, all terminals accessible • Internal voltage reference buffer (VREFBUF) supporting three output voltages (2.048 V, 2.5 V, 2.95 V) • 17 timers: – HRTIM (Hi-Resolution and complex waveform builder): 6 x16-bit counters, 184 ps resolution, 12 PWM – 2 x 32-bit timer and 2 x 16-bit timers with up to four IC/OC/PWM or pulse counter and quadrature (incremental) encoder input – 3 x 16-bit 8-channel advanced motor control timers, with up to 8 x PWM LQFP48 (7 x 7 mm) UFQFPN48 (7 x 7 mm) LQFP64 (10 x 10 mm) LQFP100 (14 x 14 mm) LQFP128 (14 x 14 mm) WLCSP81 (4.02 x 4.27 mm) Pitch 0.8) TFBGA100 (8 x 8 mm LQFP80 (12 x 12 mm) www.st.com |
同様の部品番号 - STM32G474XC |
|
同様の説明 - STM32G474XC |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |