データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ2955 データシート(PDF) 2 Page - STMicroelectronics

部品番号 MJ2955
部品情報  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJ2955 データシート(HTML) 2 Page - STMicroelectronics

  MJ2955 Datasheet HTML 1Page - STMicroelectronics MJ2955 Datasheet HTML 2Page - STMicroelectronics MJ2955 Datasheet HTML 3Page - STMicroelectronics MJ2955 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEX
Collector Cut-off
Current (VBE = -1.5V)
VCE = 100 V
VCE = 100 V
Tj = 150
oC
1
5
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 30 V
0.7
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 7 V
5
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 200 mA
60
V
VCER(sus)
∗ Collector-Emitter
Sustaining
Voltage (RBE = 100
Ω)
IC = 200 mA
70
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 4 A
IB = 400 mA
IC = 10 A
IB = 3.3 A
1
3
V
V
VBE
∗
Base-Emitter Voltage
IC = 4 A
VCE = 4 A
1.8
V
hFE
∗
DC Current Gain
IC = 4 A
VCE = 4 A
IC = 10 A
VCE = 4 A
20
5
70
fT
Transition frequency
IC = 0.5 A
VCE = 10 V
3
MHz
Is/b
∗
Second Breakdown
Collector Current
VCE = 40 V
2.87
A
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
For PNP types voltage and current values are negative.
2N3055 / MJ2955
2/4



Html Pages

1 2 3 4