データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CELLX データシート(PDF) 14 Page - Coherent Corp

部品番号 CELLX
部品情報  The Universal Light Engine for Free-Space Applications, Flow Cytometry, and Microscopy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COHERENT [Coherent Corp]
ホームページ  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CELLX データシート(HTML) 14 Page - Coherent Corp

Back Button CELLX Datasheet HTML 7Page - Coherent Corp CELLX Datasheet HTML 8Page - Coherent Corp CELLX Datasheet HTML 9Page - Coherent Corp CELLX Datasheet HTML 10Page - Coherent Corp CELLX Datasheet HTML 11Page - Coherent Corp CELLX Datasheet HTML 12Page - Coherent Corp CELLX Datasheet HTML 13Page - Coherent Corp CELLX Datasheet HTML 14Page - Coherent Corp CELLX Datasheet HTML 15Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
CellX
Name
Part Number
Description
CellX Accessory Kit,
Interlock Plug
1321203
Alignment Tools, Interlock Plug, USB Cable, Coherent
Connection Software, Operator’s Manual
CellX Control Board,
Analog Modulation, RS-232
1323597
Control Board for OBIS CellX, DB37 with four Analog
Modulation Inputs and RS-232 communication
CellX Control Board,
Adjustable Power
1299911
Control Board for OBIS CellX with four laser output power
adjustment knobs
CellX Control Board,
Key Switch, RS-232, Digital
and Analog Modulation
1298365
Control Board for OBIS CellX with Key Switch, Interlock,
RS-232, Four Analog Modulation inputs and Four Digital
Modulation inputs
CellX Heatsink, Fan Cooled
2324764
OBIS CellX Heatsink with No Stage Platform Extension with
cooling fans
CellX Heatsink, OEM
1315322
OBIS CellX compact heatsink, OEM version. Requires hole
in mounting plate to allow heatsink to protrude through the
optics deck and requires that the OEM provide air flow.
Accessories for Microscopy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15