| データシートサーチシステム |
|
P3100SC データシート(PDF) 2 Page - YAGEO Corporation |
|
|
|||||||||||||||||||||||||||||
P3100SC データシート(HTML) 2 Page - YAGEO Corporation |
|
2 / 8 page ![]() Product Specification PXXXXSX THYRISTOR SURGE SUPPRESSORS Circuit Protection www.yageo.com Mar. 18, 2021 V.4 Thyristor Surge Suppressors (TSS) Data Sheet Description DO-214AA Thyristor solid state protection thyristor protect telecommunications equipment such as modems, line cards, fax machines, and other CPE. P Series devices are used to enable equipment to meet various regulatory requirements including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968 (formerly known as FCC Part 68). Features Compared to surge suppression using other technologies, P Series devices offer absolute surge protection regardless of the surge current available and the rate of applied voltage (dv/dt). P Series devices: ■ Cannot be damaged by voltage ■ Eliminate hysteresis and heat dissipation typically found with clamping devices ■ Eliminate voltage overshoot caused by fast-rising transients ■ Are non-degenerative ■ Will not fatigue ■ Have low capacitance, making them ideal for high-speed transmission equipment ■ Meets MSL level 1, per J-STD-020 Electrical Parameters Parameter Definition VDRM Peak Off-state Voltage – maximum voltage that can be applied while maintaining off state VS Switching Voltage – maximum voltage prior to switching to on state VT On-state Voltage – maximum voltage measured at rated on-state current IDRM Leakage Current – maximum peak off-state current measured at VDRM IS Switching Current – maximum current required to switch to on state IT On-state Current – maximum rated continuous on-state current IH Holding Current – typical current required to maintain on state CO Off-state Capacitance – typical capacitance measured in off state IPP Peak Pulse Current – maximum rated peak impulse current |