データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS3017 データシート(PDF) 2 Page - Synology Inc.

部品番号 FS3017
部品情報  FlashStation FS3017
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNOLOGY [Synology Inc.]
ホームページ  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS3017 データシート(HTML) 2 Page - Synology Inc.

  FS3017 Datasheet HTML 1Page - Synology Inc. FS3017 Datasheet HTML 2Page - Synology Inc. FS3017 Datasheet HTML 3Page - Synology Inc. FS3017 Datasheet HTML 4Page - Synology Inc. FS3017 Datasheet HTML 5Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mainstream SSD Support
Synology FS3017 comes with 24 x 2.5"
SAS / SATA interfaces and is compatible
to major SSD brands, preventing
vendor lock-in.
Rock-Solid Data Protection
The Snapshot Replication application provides schedulable, near-instantaneous
data protection. It replicates 65,000 system-wide backup copies to offsite servers
and local volumes, bringing near-instantaneous data protection and ensuring data
in shared folders or virtual machines in iSCSI LUNs remain available in the event of a
disaster.
With block-level incremental backup and cross-version deduplication, Synology
Hyper Backup provides multi-version backup with optimized storage space
utilization and allows multiple backup destinations to local shared folders, external
hard drives, network shared folders, rsync server, and public cloud services.
Comprehensive Business Applications
Powered by the innovative Synology DiskStation Manager (DSM), FS3017 comes
fully-equipped with applications and features designed specifically for large-scale
business:
• Windows® AD and LDAP support allowing easy integration with existing
business directory services without recreating user accounts.
• Windows ACL support provides fine-grained access control and efficient
privilege settings, allowing FS3017 to fit seamlessly into current infrastructure.
• MailPlus allows your business to set up a secure, reliable, and private mail
server while giving your employees a modern mail client for receiving and
sending messages.
Reliability and System Availability
System reliability is of paramount importance to businesses which depend upon
their commercial servers every day. FS3017 responds to these concerns with
wide-ranging availability and redundancy features:
• Synology RAID F1 optimizes RAID volume integrity and extends SSD lifespan.
• Synology High Availability ensures seamless transition between clustered
servers in the event of one node failing with minimal impact to applications.
• Redundant power supplies, system fans, and multiple network ports with
failover support ensure maximum continuous service uptime.
• DDR4 ECC RDIMM detects and corrects errors during data transmission.
• The tool-free system fan design allows hot swapping and simple exchanging
of malfunctioned system fans. Optional Synology RKS1317 rail kit provides
fast and easy system installation and maintenance.



Html Pages

1 2 3 4 5