| データシートサーチシステム |
|
SHT40-CD1B-R3 データシート(PDF) 20 Page - Sensirion AG Switzerland |
|
|
|||||||||||||||||||||||||||||
SHT40-CD1B-R3 データシート(HTML) 20 Page - Sensirion AG Switzerland |
|
20 / 24 page ![]() www.sensirion.com / D1 Version 7.1 – March 2025 20 / 24 9 Nomenclature Position Value(s) Explanation 1 S Sensirion 2 H Humidity Signal 3 T Temperature Signal 4 4 Fourth product generation 5 0 1 5 3 Base accuracy Intermediate accuracy Best accuracy ISO17025 certified 6 - delimiter 7 A B C I2C interface with 0x44 address I2C interface with 0x45 address I2C interface with 0x46 address 8 D DFN package 9 1 C Reserved 3-point calibrated and certified 10 B Blank package F Package with integrated, patented PTFE membrane P Package with removable protective cover 11 - delimiter 12 R Tape on reel packaging 13 2 3 Packaging article contains 2’500 pieces Packaging article contains 10’000 pieces Table 11. SHT4x product nomenclature. For ordering information, kindly refer to Table 12. |