| データシートサーチシステム |
|
2N5195 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N5195 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() 2N5195 MEDIUM POWER PNP SILICON TRANSISTOR s SGS-THOMSON PREFERRED SALESTYPE s PNP TRANSISTOR APPLICATIONS s LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT DESCRIPTION The 2N5195 is a silicon epitaxial-base PNP transistor in Jedec SOT-32 plastic package. It is inteded for use in medium power linear and switching applications. The complementary NPN type is 2N5192. INTERNAL SCHEMATIC DIAGRAM June 1997 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t VCBO Collector-Base Voltage (IE =0) -80 V VCEO Collector-Emit ter Voltage (IB =0) -80 V VEBO Emitter-Base Voltage (IC =0) -5 V IC Collector Current -4 A ICM Collector Peak Current -7 A IB Base Current -1 A Ptot Tot al Dissipation at Tc ≤ 25 oC40 W Tstg Storage Temperature -65 to 150 oC Tj Max. O perat ing Junction Temperature 150 oC 3 2 1 SOT-32 1/5 |
同様の部品番号 - 2N5195 |
|
同様の説明 - 2N5195 |