データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AXADMDM データシート(PDF) 1 Page - Infinite Electronics International, Inc.

部品番号 AXADMDM
部品情報  7/16 DIN MALE TO 7/16 DIN MALE ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  L-COM [Infinite Electronics International, Inc.]
ホームページ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXADMDM データシート(HTML) 1 Page - Infinite Electronics International, Inc.

  AXADMDM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.79 45
M29xP1.5-2B
(2X)
NOTES:
ELECTRICAL:
IMPEDANCE: 50OHM
FREQUENCY RANGE: DC~6 GHz
INSERTION LOSS: .2 dB MAX.
WORKING VOLTAGE: 2700 VRMS MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 4000 VRMS MIN.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012
REGULATORY COMPLIANCE:
RoHS, CE
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
SILVER
SHELL
BRASS
NICKEL
INSULATOR
PTFE
---
CENTER PIN
BRASS
SILVER
O-RING
RUBBER
---
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-DMDM
A
AXA-DMDM.SLDDRW
1
1
K.BURGNER
06/27/13
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
06/27/13
6/28/13
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
7/16 DIN MALE TO 7/16 DIN MALE
ADAPTOR
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
06/27/13
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


同様の部品番号 - AXADMDM

メーカー部品番号データシート部品情報
logo
Infinite Electronics In...
AXADFDF L-COM-AXADFDF Datasheet
63Kb / 1P
7/16 DIN FEMALE TO 7/16 DIN FEMALE ADAPTOR
06/27/13
More results

同様の説明 - AXADMDM

メーカー部品番号データシート部品情報
logo
Pomona Electronics
6256 POMONA-6256 Datasheet
124Kb / 1P
7/16 DIN Adapter 7/16 DIN Male to Type N Male
logo
Pasternack Enterprises,...
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE3C2003-100CM PASTERNACK-PE3C2003-100CM Datasheet
456Kb / 4P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 100cm
PE3C2003-200CM PASTERNACK-PE3C2003-200CM Datasheet
456Kb / 4P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 200cm
PE3C2013-100CM PASTERNACK-PE3C2013-100CM Datasheet
448Kb / 3P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 100cm
PE3C2013-200CM PASTERNACK-PE3C2013-200CM Datasheet
448Kb / 3P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 200cm
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91227 PASTERNACK-PE91227 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated
PE37953 PASTERNACK-PE37953 Datasheet
121Kb / 1P
CABLE ASSEMBLY, PE-C240, 7/16 DIN MALE TO 7/16 DIN MALE
PE37954 PASTERNACK-PE37954 Datasheet
120Kb / 1P
CABLE ASSEMBLY, PE-C400, 7/16 DIN MALE TO 7/16 DIN MALE
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com