| データシートサーチシステム |
|
JAE データシート(PDF) 6 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
JAE データシート(HTML) 6 Page - Sensata Technologies, Inc. |
|
6 / 14 page ![]() Page 6 sensata.com Copyright © 2025 Sensata Technologies, Inc. 1.187 [30.15] 4.754 [120.76] FLATWASHER LOCKWASHER 2 NUTS 1/4-28 Shunt Trip ALARM SWITCH RLS4 PLUG Alarm Switch AUXILIARY SWITCH REC4 PLUG Auxiliary Switch ALARM SWITCH RLS4 AUXILIARY SWITCH REC4 Alarm & Auxiliary Switch Combination SEE SWITCH OPTIONS .416 [10.57] .235 [5.97] 2.772 [70.41] .252 [6.40] .250 [6.35] .752 [19.11] [64.52] 2.438 MAX. OFF POSITIO N BREAKER IN .252 [6.40] .110 [2.79] -IREC4 NC NO C Shunt Trip The shunt trip is designed for controlling two separate loads with one assembly. The control is established by providing overload protection for the critical load. When the current through this load becomes excessive and reaches the trip point, the protector will open and remove power from both loads simultaneously. The total current rating of both loads must not exceed the maximum contact rating. |