| データシートサーチシステム |
|
TPMS データシート(PDF) 1 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
TPMS データシート(HTML) 1 Page - Sensata Technologies, Inc. |
|
1 / 2 page ![]() Page 1 www.sensata.com Copyright © 2024 Sensata Technologies, Inc. | TPMS SERIES INTELLIGENT TIRE SOLUTION Sensata’s intelligent Valve Mounted sensor is a new solution developed to address the market’s shift towards smarter and connected tires. Designed to be equipped with Bluetooth® wireless technology it has the ability to communicate bi-directionally which enables new features while aligning with emerging OEM wireless receiver strategies. Features Benefits • Robust, proven design leverages experience from delivering over 500M TPMS sensors in the field • Available in both Clamp-In and Snap-In Configurations, addressing a variety of vehicle speeds • Delivers same pressure, temperature, and auto-location capabilities as UHF parts delivered to market today • Capable of bi-directional wireless communication • Programmable with Tire Details or new Advanced Features • Optimized for long battery life • Allows for Over the Air Updates (OTA) to address issues in the field or to install additional features without your customers having to go to the shop • Facilitates robust cybersecurity implementations to help minimize threats to you and your customers • Enables new features such as Enhanced Tire Fill Assist, allowing you to use your mobile device to display real-time pressure when inflating tires • Can leverage existing low energy wireless receiver infrastructure being introduced to support cell phones as smart keys, removing UHF receivers and reducing total system cost • Compatible with Bluetooth® v5.1-v5.3 |
同様の部品番号 - TPMS |
|
同様の説明 - TPMS |