| データシートサーチシステム |
|
XHS35F-75-R2-BS-EPROGAB データシート(PDF) 8 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
XHS35F-75-R2-BS-EPROGAB データシート(HTML) 8 Page - Sensata Technologies, Inc. |
|
8 / 8 page ![]() Page 8 www.sensata.com CONTACT US Americas +1 (800) 350 2727 – Option 1 sales.beisensors@sensata.com Europe, Middle East & Africa +33 (3) 88 20 8080 position-info.eu@sensata.com Asia Pacific sales.isasia@list.sensata.com China +86 (21) 2306 1500 Japan +81 (45) 277 7117 Korea +82 (31) 601 2004 India +91 (80) 67920890 Rest of Asia +886 (2) 27602006 ext 2808 Copyright © 2024 Sensata Technologies, Inc. Datasheets provided by Sensata Technologies, Inc., its subsidiaries and/or affiliates (“Sensata”) are solely intended to assist third parties (“Buyers”) who are developing systems that incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible for using its independent analysis, valuation, and judgment in designing Buyer’s systems and products. Sensata datasheets have been created using standard laboratory conditions and engineering practices. Sensata has not conducted any testing other than that specifically described in the published documentation for a particular datasheet. Sensata may make corrections, enhancements, improvements, and other changes to its datasheets or components without notice. Buyers are authorized to use Sensata datasheets with the Sensata component(s) identified in each particular datasheet. HOWEVER, NO OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATASHEETS ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATASHEETS OR USE OF THE DATASHEETS, EXPRESS, IMPLIED, OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD TO SENSATA DATASHEETS OR USE THEREOF. All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATA ASSUMES NO LIABILITY FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY, AND SAFETY- RELATED REQUIREMENTS CONCERNING ITS PRODUCTS, AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED INFORMATION OR SUPPORT THAT MAY BE PROVIDED BY SENSATA. Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA. REV: 06/03/25 Description Part Number Protection Cover kit Hardware included Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden Désignation / Title : Référence / Part number : Tolérances générales / General tolerances : Matière / Material : Type de plan / Drawing classification : Plan / drawing : Echelle / scale : Revision : Etabli par / drawn by : Espace Européen de l'Entreprise 9, rue de Copenhague BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com 1/1 A Plan de Définition Dossier / File : - Approuvé / Approved : Dimensions Angles +/-0.5° Première émission / First release Creation : +/-0.1mm - - Modifications : - 23145-002 = Protective cover, pilot dia. 6.38”, without fasteners 26068-001 = Protective cover, pilot dia. 6.58”, with fasteners Reduction sleeve Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden Désignation / Title : Référence / Part number : Tolérances générales / General tolerances : Matière / Material : Type de plan / Drawing classification : Plan / drawing : Echelle / scale : Revision : Etabli par / drawn by : Espace Européen de l'Entreprise 9, rue de Copenhague BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com 1/1 A Plan de Définition Dossier / File : - Approuvé / Approved : Dimensions Angles +/-0.5° Première émission / First release Creation : +/-0.1mm - - Modifications : - Imperial sizes shaft bore, PEEK (1) 9434/E8 = 1” 9434/E7 = 0.875” 9434/E6 = 0.75” 9434/E5 = 0.625” 9434/E4 = 0.5” (1) Except 9434/E8: GF Polycarbonate Metric sizes shaft bore, PEEK 9434/I25 = 25mm 9434/I20 = 20mm 9434/I15 = 15mm 9434/I12 = 12mm R1 Tether Block and Pin Hardware included Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden Désignation / Title : Référence / Part number : Tolérances générales / General tolerances : Matière / Material : Type de plan / Drawing classification : Plan / drawing : Echelle / scale : Revision : Etabli par / drawn by : Espace Européen de l'Entreprise 9, rue de Copenhague BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com 1/1 A Plan de Définition Dossier / File : - Approuvé / Approved : Dimensions Angles +/-0.5° Première émission / First release Creation : +/-0.1mm - - Modifications : - 31215-003 = 382323-001 Tether block + dia. 0.25” x lg. 0.75” pin (cap screw 10-32 UNF x 5/8 included) 31215-006 = 382323-001 Tether block + dia. 0.25” x lg. 0.75” pin + Collet clamp (cap screw 10-32 UNF x 5/8 included) Tether arm kit Hardware included Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden Désignation / Title : Référence / Part number : Tolérances générales / General tolerances : Matière / Material : Type de plan / Drawing classification : Plan / drawing : Echelle / scale : Revision : Etabli par / drawn by : Espace Européen de l'Entreprise 9, rue de Copenhague BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com 1/1 A Plan de Définition Dossier / File : - Approuvé / Approved : Dimensions Angles +/-0.5° Première émission / First release Creation : +/-0.1mm - - Modifications : - 31187-016 = R2 tether kit 31187-012 = R11 tether kit 31187-015 = R14 tether kit Other stator coupling configurations available on request Connector Mates MS3106F18-1S = Mates to standard M18 style, 10pin conn. MS3106F16S-1S = Mates to standard M16 style, 7pin conn. MS3106F14S-6S = Mates to standard M14 style, 6pin conn. MS3116F12-10S = Mates to standard M12 style, 10pin conn. Connector Cable Assemblies 31186-1810 = M18, 10pin, 10 ft length 31186-1820 = M18, 10pin, 20 ft length 31186-1850 = M18, 10pin, 50 ft length 31186-1610 = M16, 7pin, 10 ft length 31186-1620 = M16, 7pin, 20 ft length 31186-1650 = M16, 7pin, 50 ft length 31186-1410 = M14, 6pin, 10 ft length 31186-1420 = M14, 6pin, 20 ft length 31186-1450 = M14, 6pin, 50 ft length 31186-1210 = M12, 10pin, 10 ft length 31186-1220 = M12, 10pin, 20 ft length 31186-1250 = M12, 10pin, 50 ft length Electronic Modules 60001-010 = Opto isolator 60011-001 = Broadcaster 60002-000 = Encoder tester *There are many options for Electronic modules, consult factory for help selecting the best one for your application Intrinsic Safety Barrier This galvanically isolated barrier provides both power and signal isolation for an incremental encoder. With differential line driver outputs, it can carry signals up to 500 feet with a bandwidth of up to 250 kHz. For detailed ordering options, refer to accesory specification sheet. ACCESSORIES |