データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS310 データシート(PDF) 13 Page - TT Electronics.

部品番号 FS310
部品情報  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 データシート(HTML) 13 Page - TT Electronics.

Back Button FS310 Datasheet HTML 9Page - TT Electronics. FS310 Datasheet HTML 10Page - TT Electronics. FS310 Datasheet HTML 11Page - TT Electronics. FS310 Datasheet HTML 12Page - TT Electronics. FS310 Datasheet HTML 13Page - TT Electronics. FS310 Datasheet HTML 14Page - TT Electronics. FS310 Datasheet HTML 15Page - TT Electronics. FS310 Datasheet HTML 16Page - TT Electronics. FS310 Datasheet HTML 17Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 13
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Table 9. CCFG Nibble Mapping
CCFG
Nibble
Aggregated
Photocurrent
‘b0000
A+
‘b0001
A-
‘b0010
B+
‘b0011
B-
‘b0100
Z+
‘b0101
Z-
All Others
Shunted to Ground
Throughout the remainder of this document, it is assumed that the FlexSense™ is mounted in a rotary encoder system, that
its PXC and CCFG registers have been populated to be consistent with the code wheel in that system, and that the code
wheel is rotating with constant angular velocity. The direction of rotation is a matter of convention. Given a PXC/CCFG
data pattern designed to produce A-leading-B quadrature-track outputs under clockwise code-wheel rotation and B-
leading-A outputs under counter-clockwise rotation, it is straightforward to modify the pattern to produce A-leading-B
outputs under counter-clockwise rotation and B-leading-A outputs under clockwise rotation. The illustrative figures below
assume that the combination of the PXC/CCFG data pattern and the direction of code-wheel rotation produces A-leading-B
quadrature-track output signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40