| データシートサーチシステム |
|
BUF04701AIPWR データシート(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
BUF04701AIPWR データシート(HTML) 3 Page - Texas Instruments |
|
3 / 14 page ![]() BUF04701 3 SBOS214B www.ti.com PARAMETER CONDITION MIN TYP MAX UNITS OFFSET VOLTAGE Input Offset Voltage VOS VS = ±5, VCM = 0 ±1.5 ±7mV Drift dVOS/dT ±8 µV/°C vs Power Supply PSRR VS = 3.5V to 12V, VCM = VS/2 – 0.5V 20 100 µV/V Over Temperature VS = 3.5V to 12V, VCM = VS/2 – 0.5V 200 µV/V Channel Separation, DC 1 µV/V f = 10kHz 110 dB INPUT VOLTAGE RANGE Common-Mode Voltage Range VCM Limited by Output Range INPUT BIAS CURRENT Input Bias Current IB VCM = VS/2 1 ±10 pA INPUT IMPEDANCE Common-Mode 5 • 1012 || 4 Ω || pF NOISE Input Voltage Noise, f = 0.1Hz to 10Hz VS = ±6V, VCM = 0 11 µVrms Input Voltage Noise Density, f = 10kHz en VS = ±6V, VCM = 0 30 nV/ √Hz Input Current Noise Density, f = 1kHz in VS = ±6V, VCM = 0 2.5 fA/ √Hz TRANSFER CHARACTERISTIC Gain 0.9975 1.000 1.0025 over Temperature 0.995 1.000 1.005 OUTPUT Voltage Output Swing from Rail RL = 10kΩ 75 mV RL = 2kΩ 150 200 mV over Temperature RL = 2kΩ 250 mV Short-Circuit Current ISC ±32 mA FREQUENCY RESPONSE CL = 10pF Bandwidth –3dB BW 8 MHz Slew Rate SR VS = ±6V 10 V/ µs Settling Time, 0.1% tS VS = ±6V, 5V Step 9 µs Overload Recovery Time VIN = VS 0.2 µs Total Harmonic Distortion + Noise THD+N VS = ±6V, VO = 1Vrms, G = 1, 0.001 % f = 6kHz, VCM = VS/2 POWER SUPPLY Specified Voltage Range, Single Supply VS 3.5 12 V Specified Voltage Range, Dual Supplies ±1.75 ±6V Operating Voltage Range +3.5 to +12 V Quiescent Current (per amplifier) IQ IO = 0 1.1 1.5 mA over Temperature 1.7 mA TEMPERATURE RANGE Specified Range –40 +125 °C Operating Range –40 +125 °C Storage Range –65 +150 °C Thermal Resistance θ JA TSSOP Surface Mount 100 °C/W MSOP Surface Mount 200 °C/W BUF04701 ELECTRICAL CHARACTERISTICS: VS = +3.5V to +12V Boldface limits apply over the specified temperature range, TA = –40°C to +125°C At TA = +25°C, RL = 10kΩ connected to VS / 2 and VOUT = VS / 2, unless otherwise noted. |