| データシートサーチシステム |
|
APC0805R データシート(PDF) 2 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
APC0805R データシート(HTML) 2 Page - TT Electronics. |
|
2 / 3 page ![]() Construction A thin-film material is selectively deposited on an alumina substrate together with metallic contacts at each end of the resistor. The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts the resistance value. Epoxy protection is applied, and wrap-around terminations are added and plated. Each resistor is measured immediately before packing into tape. Marking APC resistors size 0603 and larger are marked white on black with 3 or 4 characters indicating ohmic value. APC0402 is not marked. Anti-Sulphur Precision Chip APC Series 08.20 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors BI Technologies IRC Welwyn Physical Data Performance Data Dimensions (mm) and weight (mg) Size L W C A T Wt 0402 1 ±0.1 0.5 ±0.05 0.3 ±0.15 0.25 ±0.1 0.35 ±0.05 0.54 0603 1.55 ±0.1 0.8 ±0.1 0.3 ±0.2 0.3 ±0.2 0.45 ±0.1 1.8 0805 2 ±0.15 1.25 ±0.15 0.3 ±0.2 0.4 ±0.2 0.55 ±0.1 4.7 1206 3.05 ±0.15 1.55 ±0.15 0.42 ±0.2 0.35 ±0.25 0.55 ±0.1 9.0 1210 3.1 ±0.15 2.6 ±0.15 0.5 ±0.2 0.5 ±0.25 0.55 ±0.1 10 2010 4.9 ±0.15 2.5 ±0.15 0.6 ±0.3 0.6 ±0.25 0.55 ±0.1 24 2512 6.3 ±0.15 3.2 ±0.15 0.6 ±0.3 0.9 ±0.25 0.55 ±0.1 38 Test Condition SR Range ±ΔR% AS Range (AEC-Q200) ±ΔR% 0.05% tol. ≥0.1% tol. High Temperature Exposure MIL-STD-202 Method 108 0.3 0.2 Temperature Cycling JESD22 Method JA-104 0.3 0.1 Biased Humidity MIL-STD-202 Method 103 0.3 0.1 Operational Life MIL-STD-202 Method 108 0.3 ≤7K0: 0.05 >7K0: 0.2 0.2 High Power range: 0.5 Terminal Strength MIL-STD202 Method 211 No Damage No Damage Resistance to Solvents MIL-STD202 Method 215 Marking Legible Marking Legible Mechanical Shock MIL-STD202 Method 213 0.25 0.05 0.1 Vibration MIL-STD202 Method 204 0.1 0.05 0.1 Resistance to Soldering Heat MIL-STD-202 Method 210 0.2 0.05 ESD AEC-Q200-002 or ISO/DIS 10605 - 0.5 Solderability J-STD-002 >95% covered, no visible damage >95% covered, no visible damage Flammability UL-94 - No ignition Board Flex AEC Q200-005 0.1 0.1 Short Term Overload 2.5xRCWV for 5seconds 0.1 0.05 Sulphur Test EIA-977 cond. B 750hrs, 105°C, no humidity - 1 ASTM-B-809-95 modified 1000hrs, 105°C, 85% RH 4 - T W A A L Wrap-around terminations (3 faces) C |