データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8S データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 H8S
部品情報  16-bit CPU IP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S データシート(HTML) 2 Page - Renesas Technology Corp

  H8S Datasheet HTML 1Page - Renesas Technology Corp H8S Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2024 Renesas Electronics Corporation. All rights reserved.
Other Microcomputer Functions (Option)
H8S IP is compatible with H8/300 and H8SX IPs on system, bus and interrupt interface. Many other
microcomputer functions are available (option), which needs some modification in bus controller and
interrupt controller, except optional information packages.
H8S
CPU
DTC
H8S
DMAC
H8/300H
DMAC
TPU
ITU
FRT
8-bit
Timer
14-bit
PWM
8-bit
PWM
WDT
SCI
Sample Results and Evaluation Environments
As a sample result showing compatibility with H8S microcomputers, an application note program of
H8S microcomputer is performed in an FPGA in which H8S CPU subsystem is implemented, by using
the common development tools with H8S Microcontroller Products. As FPGA, Artix A7 and MAX®10
are proven.
FPGA boards that MACNICA, Inc. Altima Company or Shinko Shoji LSI Design Center Co.,Ltd.
delivers are proven and available for H8S CPU subsystem.
Deliverables
▪
Synthesizable Verilog RTL design
▪
Testbench
▪
Synthesis scripts



Html Pages

1 2