データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25PE16-VMP6P データシート(PDF) 23 Page - STMicroelectronics

部品番号 M25PE16-VMP6P
部品情報  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE16-VMP6P データシート(HTML) 23 Page - STMicroelectronics

Back Button M25PE16-VMP6P Datasheet HTML 19Page - STMicroelectronics M25PE16-VMP6P Datasheet HTML 20Page - STMicroelectronics M25PE16-VMP6P Datasheet HTML 21Page - STMicroelectronics M25PE16-VMP6P Datasheet HTML 22Page - STMicroelectronics M25PE16-VMP6P Datasheet HTML 23Page - STMicroelectronics M25PE16-VMP6P Datasheet HTML 24Page - STMicroelectronics M25PE16-VMP6P Datasheet HTML 25Page - STMicroelectronics M25PE16-VMP6P Datasheet HTML 26Page - STMicroelectronics M25PE16-VMP6P Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
M25PE16
Instructions
23/56
6.2
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 7) resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
The Write Enable Latch (WEL) bit is reset under the following conditions:
●
Power-up
●
Write Disable (WRDI) instruction completion
●
Write Status Register (WRSR) instruction completion
●
Page Write (PW) instruction completion
●
Page Program (PP) instruction completion
●
Write to Lock Register (WRLR) instruction completion
●
Page Erase (PE) instruction completion
●
Sector Erase (SE) instruction completion
●
SubSector Erase (SSE) instruction completion
●
Bulk Erase (BE) instruction completion
Figure 7.
Write Disable (WRDI) instruction sequence
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56