データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1S06PU33 データシート(PDF) 4 Page - STMicroelectronics

部品番号 ST1S06PU33
部品情報  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PU33 データシート(HTML) 4 Page - STMicroelectronics

  ST1S06PU33 Datasheet HTML 1Page - STMicroelectronics ST1S06PU33 Datasheet HTML 2Page - STMicroelectronics ST1S06PU33 Datasheet HTML 3Page - STMicroelectronics ST1S06PU33 Datasheet HTML 4Page - STMicroelectronics ST1S06PU33 Datasheet HTML 5Page - STMicroelectronics ST1S06PU33 Datasheet HTML 6Page - STMicroelectronics ST1S06PU33 Datasheet HTML 7Page - STMicroelectronics ST1S06PU33 Datasheet HTML 8Page - STMicroelectronics ST1S06PU33 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
ST1S06
4/19
2
Pin configuration
Note:
* Pin 1 is VFB for ADJ version and VO for Fixed version
Table 1.
Pin description
Figure 2.
Pin configuration (top view)
Pln n°
Symbol
Note
1
FB/VO
Feedback voltage / output voltage
2
GND
System ground
3
SW
Switching pin
4
VIN_SW
Power supply for the mosfet switch
5
VIN_A
Power supply for analogic circuit
6
VINH
Inhibit pin to turn off the device
Exposed pad to be connected to GND
ST1S06
ST1S06A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19