| データシートサーチシステム |
|
S29GL01GS データシート(PDF) 38 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S29GL01GS データシート(HTML) 38 Page - Cypress Semiconductor |
|
38 / 108 page ![]() Document Number: 001-98285 Rev. *R Page 38 of 108 S29GL01GS/S29GL512S S29GL256S/S29GL128S 5.5.2.6 DQ5: Exceeded Timing Limits DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. Under these conditions DQ5 produces a 1. This is a failure condition that indicates the program or erase cycle was not successfully completed. The system must issue the reset command to return the device to reading array data. When a timeout occurs, the software must send a reset command to clear the timeout bit (DQ5) and to return the EAC to read array mode. In this case, it is possible that the flash will continue to communicate busy for up to 2 µs after the reset command is sent. |