| データシートサーチシステム |
|
BAT41ZFILM データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT41ZFILM データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 21 page ![]() 대 EVSPIN32F0251S1 Layout and component placements Layout and component placements Figure 5. EVSPIN32F0251S1 - Board functions description Power Supply Warning: The kit is not electrically isolated from the AC/DC input. The USB interface of the board does not insulate host computer from high voltage. When the board is supplied at a voltage outside the ELV range, a proper insulation method such as a USB isolator must be used to operate the board. DB3976 - Rev 1 )age 13/21 |