データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS9002 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS9002
部品情報  300mA CMOS LDO with Enable & Power Good
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9002 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9002 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS9002 Series
300mA CMOS
LDO with Enable & Power Good
1/5
Version: A07
SOT-25
General Description
The TS9002 series is a positive voltage linear regulator developed utilizing CMOS technology featured low quiescent
current (30uA typ.), low dropout voltage, and high output voltage accuracy, making them ideal for battery applications.
The Chip Enable (CE) includes a CMOS or TTL compatible input allows the output to be turned off to prolong battery
life. The TS9002 series is included a precision voltage reference, error correction circuit, a current limited output driver,
over temperature shutdown, and a “Power Good” detector, which pulls low when the output is out of regulation.
This series are offered in 5-pin SOT-25 package.
Features
Dropout voltage typically 0.4V@ Io=300mA (Vo>2.5V)
Low power consumption
Output voltage ±2%, ±3% (1.2V)
Internal current limit and thermal shutdown
Short circuit current fold-back
Power saving shutdown mode
Power good output function
Applications
Palmtops
Video recorders
Battery powered equipment
PC peripherals
High-efficiency linear power supplies
Digital signal camera
Ordering Information
Note: Where x denotes voltage option, available are
1=1.2V
A=1.5V
K=2.5V
S=3.3V
Contact factory for additional voltage options.
Part No.
Package
Packing
TS9002xCX5 RF
SOT-25
3Kpcs / 7” Reel
Block Diagram
Typical Application Circuit
EN (Pin 3) may be connected directly to VIN (Pin1)
Connected to output for Power Good or left floating
Basic operation: CBYP=not used, COUT>1uF
Pin Definition:
1. Input
2. Ground
3. Enable
4. Power Good
5. Output
VOUT
VIN
EN
on
off
COUT
2.2uF
PG


同様の部品番号 - TS9002

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
300mA CMOS LDO with Enable & Power Good
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Taiwan Semiconductor Co...
TS90021CX5 TSC-TS90021CX5 Datasheet
125Kb / 5P
300mA CMOS LDO with Enable & Power Good
TS9002ACX5 TSC-TS9002ACX5 Datasheet
125Kb / 5P
300mA CMOS LDO with Enable & Power Good
More results

同様の説明 - TS9002

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
300mA CMOS LDO with Enable
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
300mA CMOS LDO with Enable
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
Low Power 300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com