データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OVLLY8C7 データシート(PDF) 5 Page - TT Electronics.

部品番号 OVLLY8C7
部品情報  Cylindrical High-Intensity LED (5 mm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLLY8C7 データシート(HTML) 5 Page - TT Electronics.

  OVLLY8C7 Datasheet HTML 1Page - TT Electronics. OVLLY8C7 Datasheet HTML 2Page - TT Electronics. OVLLY8C7 Datasheet HTML 3Page - TT Electronics. OVLLY8C7 Datasheet HTML 4Page - TT Electronics. OVLLY8C7 Datasheet HTML 5Page - TT Electronics. OVLLY8C7 Datasheet HTML 6Page - TT Electronics. OVLLY8C7 Datasheet HTML 7Page - TT Electronics. OVLLY8C7 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Cylindrical High-Intensity LED (5 mm)
OVLLx8C7
© TT electronics plc
Rev C
11/2016
Page 5
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Typical Electro-Optical Characteristics Curves (RED)
Fig. 1 Forward Current vs Forward Voltage
Fig. 2 Luminous Intensity vs. Forward Current
Fig. 3 Reverse Current vs. Reverse Voltage
Fig. 4 Allow able Forward Current vs. Ambient Temperature
Fig. 5 Luminous Intensity at 1F =20mA vs. Ambient Temperature
Fig. 6 Relative Luminous Intensity vs. Wavelength



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com