| データシートサーチシステム |
|
74AC157M データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74AC157M データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 9 page ![]() RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Un it VCC Supply Voltage 2 to 6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature: -40 to +85 oC dt/dv Input Rise and Fall Time VCC = 3.0, 4.5 or 5.5 V(note 1) 8 ns/V 1) VIN from 30% to 70% of VCC ABSOLUTE MAXIMUM RATING Symbol Parameter Val ue Uni t VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC +0.5 V VO DC Output Voltage -0.5 to VCC +0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 50 mA ICC or IGND DC VCC or Ground Current ± 200 mA Tstg Storage Temperature -65 to +150 oC TL Lead Temperature (10 sec) 300 oC Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. 74AC157 3/9 |