| データシートサーチシステム |
|
LM140LAH-15/NOPB データシート(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM140LAH-15/NOPB データシート(HTML) 9 Page - Texas Instruments |
|
9 / 15 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM140LAH-12 Active Production TO (NDT) | 3 500 | BULK Yes AU Level-1-NA-UNLIM -55 to 125 ( LM140LAH-12, LM1 40LAH-12) LM140LAH-12/NOPB Active Production TO (NDT) | 3 500 | BULK Yes AU Level-1-NA-UNLIM -55 to 125 ( LM140LAH-12, LM1 40LAH-12) LM140LAH-15 Active Production TO (NDT) | 3 500 | BULK Yes AU Level-1-NA-UNLIM -55 to 125 ( LM140LAH-15, LM1 40LAH-15) LM140LAH-15/NOPB Active Production TO (NDT) | 3 500 | BULK Yes AU Level-1-NA-UNLIM -55 to 125 ( LM140LAH-15, LM1 40LAH-15) LM140LAH-5.0 Active Production TO (NDT) | 3 500 | BULK Yes AU Level-1-NA-UNLIM -55 to 125 ( LM140LAH-5.0, LM 140LAH-5.0) LM140LAH-5.0/NOPB Active Production TO (NDT) | 3 500 | BULK Yes AU Level-1-NA-UNLIM -55 to 125 ( LM140LAH-5.0, LM 140LAH-5.0) LM340LAZ-5.0/LFT4 Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes Call TI N/A for Pkg Type - 340LA Z-5.0 LM340LAZ-5.0/LFT4.B Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes Call TI N/A for Pkg Type See LM340LAZ-5.0/ LFT4 340LA Z-5.0 LM340LAZ-5.0/NOPB Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type 0 to 70 340LA Z-5.0 LM340LAZ-5.0/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type See LM340LAZ-5.0/ NOPB 340LA Z-5.0 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |