データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447MT/NOPB.A データシート(PDF) 21 Page - Texas Instruments

部品番号 LM3447MT/NOPB.A
部品情報  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447MT/NOPB.A データシート(HTML) 21 Page - Texas Instruments

Back Button LM3447MT/NOPB.A Datasheet HTML 17Page - Texas Instruments LM3447MT/NOPB.A Datasheet HTML 18Page - Texas Instruments LM3447MT/NOPB.A Datasheet HTML 19Page - Texas Instruments LM3447MT/NOPB.A Datasheet HTML 20Page - Texas Instruments LM3447MT/NOPB.A Datasheet HTML 21Page - Texas Instruments LM3447MT/NOPB.A Datasheet HTML 22Page - Texas Instruments LM3447MT/NOPB.A Datasheet HTML 23Page - Texas Instruments LM3447MT/NOPB.A Datasheet HTML 24Page - Texas Instruments LM3447MT/NOPB.A Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
,
I N
BU LK
L
LED
OUT LED(R IP)
P
C
2
R
V
I
³
f
p
1.2
1
0.8
0.6
0.4
0.2
0
0
0.3
0.6
0.9
1.2
1.5
1.8
Thermal Foldback Voltage, V
- V
TFB
(a) Circuit
(b) Relationship between V
and V
TSNS
REF
LM3447
www.ti.com
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
where, To is the room temperature in Kelvin, and RNTC(To) is the NTC value at room temperature. A temperature
break-point ranging from 70°C (343K) to 90°C (363K) can be achieved by selecting an NTC resistance ranging
from 100k
Ω to 220kΩ and β-value of 3500K to 4500K.
Figure 30. Thermal Foldback
The precedence between the thermal foldback input, VTFB and the dimming input, VDIM, is decided by the
reference generator circuit. This allows dimming operation to be performed when thermal protection is engaged.
Dimming operation is allowed when the input power demanded by the decoder circuit, VDIM, is lower than the
maximum power limit set by the thermal protection circuit, VTFB. This feature provides optimal lamp utilization
under adverse operating conditions.
OUTPUT BULK CAPACITOR
The output bulk capacitor, CBULK, is required to store energy during the input voltage zero crossing interval and
limit twice the line frequency ripple component flowing through the LEDs. The value of output capacitor is given
by
(20)
where, RLED is the dynamic resistance of LED string, ILED(RIP) is the average to peak LED ripple current and fL is
line frequency. In typical applications, the solution size becomes a limiting factor and dictates the maximum
dimensions of the bulk capacitor. When selecting an electrolytic capacitor, manufacturer recommended de-rating
factors should be applied based on the worst case capacitor ripple current, output voltage and operating
temperature to achieve the desired operating lifetime.
It is essential to provide a minimum load at the output of the PFC to discharge the capacitor after the power is
switched off or during LED open circuit failures. A 20k
Ω resistor, RO, is recommended for best performance.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com