| データシートサーチシステム |
|
LM397MF/NOPB データシート(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM397MF/NOPB データシート(HTML) 5 Page - Texas Instruments |
|
5 / 19 page ![]() 5 LM397 www.ti.com SNOS977F – MAY 2001 – REVISED MAY 2016 Product Folder Links: LM397 Submit Documentation Feedback Copyright © 2001–2016, Texas Instruments Incorporated (1) All limits are specified by testing or statistical analysis. (2) Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped production material. (3) The input common-mode voltage of either input should not be permitted to go below the negative rail by more than 0.3V. The upper end of the common-mode voltage range is VS – 1.5 V at 25°C. 6.5 Electrical Characteristics Unless otherwise specified, all limits are ensured for TA = 25°C, VS = 5 V, V − = 0 V, V CM = V +/2 = V O. PARAMETER TEST CONDITIONS MIN(1) TYP(2) MAX(1) UNIT VOS Input offset voltage VS = 5 V to 30 V, VO = 1.4 V, VCM = 0 V TA = 25ºC 2 7 mV At the temperature extremes 10 IOS Input offset current VO = 1.4 V, VCM = 0 V TA = 25ºC 1.6 50 nA At the temperature extremes 250 IB Input bias current VO = 1.4 V, VCM = 0 V TA = 25ºC 10 250 nA At the temperature extremes 400 IS Supply current RL = open, VS = 5 V 0.25 0.7 mA RL = open, VS = 30 V 0.3 2 IO Output sink current VIN+ = 1 V, VIN− = 0 V, VO = 1.5 V 6 13 mA ILEAKAGE Output leakage current VIN+ = 1 V, VIN− = 0 V, VO = 5 V 0.1 nA VIN+ = 1 V, VIN− = 0 V, VO = 30 V 1 µA VOL Output voltage low IO = −4 mA, VIN+ = 0 V, VIN− = 1 V TA = 25ºC 180 400 mV At the temperature extremes 700 VCM Common-mode input voltage range VS = 5 V to 30 V (3) TA = 25ºC 0 VS – 1.5 V At the temperature extremes 0 VS – 2 AV Voltage gain VS = 15 V, VO = 1.4 V to 11.4 V, RL > = 15 kΩ connected to VS 120 V/mV tPHL Propagation delay (high to low) Input overdrive = 5 mV RL = 5.1 kΩ connected to 5 V, CL = 15 pF 900 ns Input overdrive = 50 mV RL = 5.1 kΩ connected to 5 V, CL = 15 pF 250 tPLH Propagation delay (low to high) Input Overdrive = 5 mV RL = 5.1 kΩ connected to 5 V, CL = 15 pF 940 µs Input overdrive = 50 mV RL = 5.1 kΩ connected to 5 V, CL = 15 pF 440 ns |