| データシートサーチシステム |
|
ADL5541ACPZ-R7 データシート(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL5541ACPZ-R7 データシート(HTML) 6 Page - Analog Devices |
|
6 / 12 page ![]() ADL5541 Rev. 0 | Page 6 of 12 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating Supply Voltage, VPOS 6.5 V Input Power (re: 50 Ω) 10 dBm Internal Power Dissipation (Paddle Soldered) 650 mW θJC (Junction to Paddle) 28.5°C/W Maximum Junction Temperature 150°C Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |