| データシートサーチシステム |
|
M29W800AT データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29W800AT データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 40 page ![]() M29W800AT, M29W800AB 32/40 POWER SUPPLY Power Up The memory Command Interface is reset on pow- er up to Read Array. The device does not accept commands on the first rising edge of W, if both W and E are at VIL with G at VIH during power-up. Any write cycle initiation is blocked when VCC is below VLKO. Supply Rails Normal precautions must be taken for supply volt- age decoupling; each device in a system should have the VCC rail decoupled with a 0.1µF capacitor close to the VCC and VSS pins. The PCB trace widths should be sufficient to carry the VCC pro- gram and erase currents required. |