| データシートサーチシステム |
|
MBF 20-RJ45 データシート(PDF) 12 Page - Phoenix Mecano S.E. Asia Pte Ltd |
|
|
|||||||||||||||||||||||||||||
MBF 20-RJ45 データシート(HTML) 12 Page - Phoenix Mecano S.E. Asia Pte Ltd |
|
12 / 22 page ![]() Cable glands Pg cable glands MSK, brass, nickel-plated, IP 65 Model Order no. Note MSK 7 13050100 Pg 7; cable diameter 4-6 mm MSK 9 13050200 Pg 9; cable diameter 6-8 mm MSK 11 13050300 Pg 11; cable diameter 8-10 mm MSK 13 13050400 Pg 13.5; cable diameter 10-12 mm MSK 16 13050500 Pg 16; cable diameter 12-14 mm MSK 21 13050600 Pg 21; cable diameter 14-18 mm MSK 29 13050700 Pg 29; cable diameter 18-24 mm Pg counter nuts GMS, brass, nickel-plated Model Order no. Note GMS 7 13150100 Pg 7 GMS 9 13150200 Pg 9 GMS 11 13150300 Pg 11 GMS 13 13150400 Pg 13.5 GMS 16 13150500 Pg 16 GMS 21 13150600 Pg 21 GMS 29 13150700 Pg 29 GMS 36 13150800 Pg 36 Metric sealing rings MDR, polyethylene Model Order no. Note MDR 12 52050100 For M12 x 1.5 MDR 16 52050200 For M16 x 1.5 MDR 20 52050300 For M20 x 1.5 MDR 25 52050400 For M25 x 1.5 MDR 32 52050500 For M32 x 1.5 MDR 40 52050600 For M40 x 1.5 Notes: Cannot be used with MBL Pg sealing rings DR, polyethylene Model Order no. Note DR 7 52030000 For Pg 7 DR 9 52030100 For Pg 9 DR 11 52030200 For Pg 11 DR 13 52030300 For Pg 13.5 DR 16 52030400 For Pg 16 DR 21 52030500 For Pg 21 DR 29 52030600 For Pg 29 DR 36 52030700 For Pg 36 11 |