| データシートサーチシステム |
|
TS78L03ACYRM データシート(PDF) 6 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
TS78L03ACYRM データシート(HTML) 6 Page - Taiwan Semiconductor Company, Ltd |
|
6 / 12 page ![]() TS78L00 Series 3-Terminal 100mA Positive Voltage Regulator 6/12 Version: B07 TS78L24 Electrical Characteristics Vin=33V, Iout=40mA, 0 oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Condition Min Typ Max Unit Tj=25 oC 23.07 24 24.96 Output voltage Vout 27V≤Vin≤38V, 5mA≤Iout≤100mA 22.85 24 25.20 V Line Regulation REGline Tj=25 oC 27≤Vin≤38V Iout=40mA -- 200 400 5mA≤Iout≤100mA -- 80 240 Load Regulation REGload Tj=25 oC 5mA≤Iout≤40mA -- 40 120 mV Quiescent Current Iq Iout=0, Tj=25 oC -- 4 7 27V≤Vin≤38V -- -- 1.5 Quiescent Current Change ΔIq 5mA≤Iout≤40mA -- -- 0.1 mA Output Noise Voltage Vn 10Hz≤f≤100KHz, Tj=25 oC -- 200 -- µV Ripple Rejection Ratio RR f=120Hz, 27V≤Vin≤38V 31 45 -- dB Voltage Drop Vdrop Iout=100mA, Tj=25 oC -- 1.7 -- V Peak Output Current Io peak Tj=25 oC -- 0.15 -- A Temperature Coefficient of Output Voltage ΔVout/ ΔTj Iout=5mA, 0 oC≤Tj≤125oC -- -2.0 -- mV/ oC Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. |