| データシートサーチシステム |
|
74AC273M データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74AC273M データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 11 page ![]() 74AC273 5/11 AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr =tf = 3ns) (*) Voltage range is 3.3V ± 0.3V (**) Voltage range is 5.0V ± 0.5V CAPACITIVE CHARACTERISTICS 1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/8 (per circuit) Symbol Parameter Test Condition Value Unit VCC (V) TA =25°C -40 to 85 °C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. tPLH tPHL Propagation Delay Time CLOCK to Q 3.3(*) 4.0 7.5 12.5 3.0 14.0 3.0 16.0 ns 5.0(**) 3.0 5.0 9.0 2.5 10.0 2.5 11.0 tPHL Propagation Delay Time CLEAR to Q 3.3(*) 4.0 8.5 13.0 3.0 14.0 3.0 16.0 ns 5.0(**) 3.0 6.5 10.0 2.5 11.0 2.5 12.0 tW CLEAR Pulse Width, LOW 3.3(*) 5.5 6.0 6.0 ns 5.0(**) 4.0 4.5 4.5 tW CLOCK Pulse Width 3.3(*) 5.5 6.0 6.0 ns 5.0(**) 4.0 4.5 4.5 ts Setup Time D to CLOCK, HIGH or LOW 3.3(*) 5.5 6.0 6.0 ns 5.0(**) 4.0 4.5 4.5 th Hold Time D to CLOCK, HIGH or LOW 3.3(*) 1.5 1.5 1.5 ns 5.0(**) 1.5 1.5 1.5 tREM Recovery Time CLEAR to CLOCK 3.3(*) 4.0 4.5 4.5 ns 5.0(**) 3.0 3.0 3.0 fMAX Maximum Clock Frequency 3.3(*) 90 75 75 MHz 5.0(**) 140 250 125 125 Symbol Parameter Test Condition Value Unit VCC (V) TA =25°C -40 to 85 °C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. CIN Input Capacitance 5.0 4 pF CPD Power Dissipation Capacitance (note 1) 5.0 fIN = 10MHz 32 pF |