| データシートサーチシステム |
|
R1D12-1205-R データシート(PDF) 1 Page - Recom International Power |
|
|
|||||||||||||||||||||||||||||
R1D12-1205-R データシート(HTML) 1 Page - Recom International Power |
|
1 / 4 page ![]() 100 60 20 40 105 50 0 -40 150 Operating Temperature °C 0 80 Safe Operating Area 100 Selection Guide Part Input Output Output Efficiency Max Number Voltage Voltage Current Capacitive SMD (3kV) (VDC) (VDC) (mA) (%) Load(1) R1S**-xx3.3 (H) 3.3, 5, 12, 15, 24 3.3 303 75 2200µF R1S**-xx05 (H) 3.3, 5, 12, 15, 24 5 200 72-78 1000µF R1S**-xx09 (H) 3.3, 5, 12, 15, 24 9 111 74-78 1000µF R1S**-xx12 (H) 3.3, 5, 12, 15, 24 12 84 75-80 470µF R1S**-xx15 (H) 3.3, 5, 12, 15, 24 15 66 75-82 470µF R1S**-xx24 (H) 3.3, 5, 12, 15, 24 24 42 74-84 220µF R1D**-xx3.3 (H) 3.3, 5, 12, 15, 24 ±3.3 ±152 75 ±1000µF R1D**-xx05 (H) 3.3, 5, 12, 15, 24 ±5 ±100 72-78 ±470µF R1D**-xx09 (H) 3.3, 5, 12, 15, 24 ±9 ±56 74-78 ±470µF R1D**-xx12 (H) 3.3, 5, 12, 15, 24 ±12 ±42 75-80 ±220µF R1D**-xx15 (H) 3.3, 5, 12, 15, 24 ±15 ±33 75-82 ±220µF R1D**-xx24 (H) 3.3, 5, 12, 15, 24 ±24 ±21 74-84 ±100µF Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up) Input Voltage Range ±10% Output Voltage Accuracy ±2% typ., ±5% max. Line Voltage Regulation All Variants 1.2%/1% of Vin typ. Load Voltage Regulation 3.3V output types 15% typ., 20% max. (10% to 100% full load) 5V output type 12% typ., 15% max. 9V output type 7% typ., 10% max. 12V, 15V, 24V output types 6% typ., 10% max. Output Ripple and Noise (20MHz BW limited) 50mVp-p typ., 100mVp-p max. Operating Frequency 20kHz min. / 60kHz typ. / 100kHz max. continued on next page 1 Watt SMD Single & Dual Output ● Fully RoHS 6/6 Conform ● Full Power at 100°C Ambient Temperature ● 1kVDC or 3kVDC Isolation Options ● UL /CSA Certified, CB Report ● Suitable for Fully Automated Assembly (including Vapor Phase Soldering) ● Optional Continuous Short Circuit Protection ● Efficiency to 84% ● Built-In EN55022 Class A Filter Features Unregulated Converters R1S** : ** without marking denotes 5 pins out of 8 fitted (includes /H option) ** with marking 8 denotes 8 pins out of 8 fitted (/H option not available) ** with marking 12 denotes 10 pins out of 12 fitted (includes /H option) R1D** : ** without marking denotes 6 pins out of 10 fitted (includes /H option) ** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available) ** with marking 12 denotes 10 pins out of 12 fitted (includes /H option) UL-60950-1 Certified EN-60950-1 Certified EN-60601-1 Certified* (*/H suffix) Case and Pinning Options (note restrictions on /H option) xx = Input Voltage (other input and output voltage combinations available on request) * add Suffix “H” for 3kV Isolation, e.g. R1S-0505/H, R1D-0505/H, R1S12-0505/H, R1D12-0505/H * add Suffix “P” for Continuous Short Circuit Protection, e.g. R1S8-0505/P, R1S-0505/HP, R1D12-0505/HP * add suffix -R for tape & reel packing e.g. R1S-0505-R. For more details see Application Notes. R1S_R1D ECONOLINE DC/DC-Converter with 3 year Warranty Description The R1S and R1D converters are of the enclosed open frame type, i.e. they are not potted. The converters are typically used in general purpose and industrial low power isolation and voltage matching applications where an SMD converter is required. The converter series feature an extended ambient temperature operating range of -40°C to +100°C without derating and optional continuous short circuit protection. In addition to two isolation options and three different case formats, the converters are also available prepacked as tape and reel for use with automatic insertion machines. E358085 RoHS 2011/65/EU 6/6 Derating-Graph (Ambient Temperature) REV: 1/2016 www.recom-power.com E-24 |
同様の部品番号 - R1D12-1205-R |
|
同様の説明 - R1D12-1205-R |