| データシートサーチシステム |
|
74HCT240DB データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HCT240DB データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 17 page ![]() 74HC_HCT240 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 4 — 25 February 2016 8 of 17 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting Measurement points are given in Table 8. VOL and VOH are typical voltage output drop that occur with the output load. Fig 7. 3-state enable and disable times Table 8. Measurement points Type Input Output VM VM VX VY 74HC240 0.5 V CC 0.5 V CC 0.1 V CC 0.9 V CC 74HCT240 1.3 V 1.3 V 0.1 V CC 0.9 V CC |