データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

52411 データシート(PDF) 9 Page - TE Connectivity Ltd

部品番号 52411
部品情報  PIDG TERMINALS & SPLICES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

52411 データシート(HTML) 9 Page - TE Connectivity Ltd

Back Button 52411 Datasheet HTML 4Page - TE Connectivity Ltd 52411 Datasheet HTML 5Page - TE Connectivity Ltd 52411 Datasheet HTML 6Page - TE Connectivity Ltd 52411 Datasheet HTML 7Page - TE Connectivity Ltd 52411 Datasheet HTML 8Page - TE Connectivity Ltd 52411 Datasheet HTML 9Page - TE Connectivity Ltd 52411 Datasheet HTML 10Page - TE Connectivity Ltd 52411 Datasheet HTML 11Page - TE Connectivity Ltd 52411 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TE.COM/PRODUCTS/PIDG
TE Connectivity
PIDG Terminals & Splices
PAGE 9
Standard
Flag
L
L
W
W
FASTON Receptacle (.250/6.35)
Manual Hand Tools
Die Sets for Powered Tools
(See Note 1 for Powered
Tool Options)
Wire Size
Tab
Thickness Standard Part
Number
Width (W)
Length (L)
Color
Max. Wire
Insulation Dia. Also available in
8
Re-
marks
Certi-
Crimp
Hand Tool
UL Apvd
Mil-Spec
Certified
Hand
Tool
Pro-
Crimper
(SDE)
Hand Tool
SDE Die Set
(Premium)
UL Apvd
SDE Die Set
(Commercial)
AWG
mm2
U.S. mm
inch
mm
inch
mm
inch
mm
Tape &
Reel
Small
Pack
22-18
0,26-0,96
.032 0,81
640903-1
.300
7,62
.900 22,86
●
.140
3,56
✔
✔
58433-3
2063030-1
58423-1
22-16
0,30-1,50
.032 0,81
9-160583-2 .300
7,62
.874
22,20
●
.140
3,56
✔
3
58433-3
2063030-1
58423-1
16-14
1,04-2,62
.032 0,81
640905-1
.300
7,62
.900 22,86
●
.170
4,32
✔
✔
58433-3
2063030-1
58423-1
.032 0,81
9-160313-2 .300
7,62
.913
23,20
●
.170
4,32
✔
✔
3
58433-3
2063030-1
58423-1
12-10
2,62-6,64
.032 0,81
640907-1
.300
7,62
1.012 25,70
●
.250
6,35
✔
✔
58433-3
2063030-1
58423-1
11-10
4,00-6,00
.031 0,80
160314-2
.300
7,62
1.015 26,00
●
.250
6,35
✔
3
FASTON Flag Receptacle (.250/6.35)
22-18
0,30-1,00
.032 0,81
156667-1
.610
15,49
.760
19,30
●
.140
3,56
✔
3,4
58433-3
2063030-1
58423-1
17-15
1,20-2,00
.032 0,81
156666-1
.610
15,49
.760
19,30
●
.170
4,32
✔
3
58433-3
2063030-1
58423-1
FASTON Receptacle (.205/5.00)
22-18
0,26-0,96
.020 0,51
640909-1
.250
6,35
.800 20,32
●
.140
3,56
✔
✔
58433-3
2063030-1
58423-1
.032 0,81
640911-1
.250
6,35
.800 20,32
●
.140
3,56
✔
✔
58433-3
2063030-1
58423-1
16-14
1,04-2,62
.020 0,51
640913-1
.250
6,35
.800 20,32
●
.170
4,32
✔
✔
58433-3
2063030-1
58423-1
.032 0,81
640915-1
.250
6,35
.800 20,32
●
.170
4,32
✔
✔
58433-3
2063030-1
58423-1
FASTON Receptacle (.187/4.80)
26-24
0.12-0.24
.020 0,51
641321-1
.230
5,84
.700
17,78
●
.082
2,08
✔
✔
22-18
0,26-0,96
.020 0,51
640917-1
.230
5,84
.800 20,32
●
.140
3,56
✔
✔
58433-3
2063030-1
58423-1
22-15
0,30-1,50
.020 0,51
9-160481-1
.226
5,74
.822
20,88
●
.140
3,56
✔
✔
3
.031 0,80
9-160483-1 .226
5,74
.822
20,88
●
.140
3,56
✔
✔
3
16-14
1,04-2,62
.020 0,51
640919-1
.230
5,84
.800 20,32
●
.170
4,32
✔
✔
58433-3
2063030-1
58423-1
.020 0,50
9-160477-2 .230
5,84
.862
21,90
●
.170
4,30
✔
✔
3
.031 0,80
9-160479-2 .226
5,74
.862
21,90
●
.170
4,30
✔
✔
3
FASTON Receptacle (.110/2.80)
22-18
0,26-0,96
.020 0,51
61060-1
.148
3,76
.734
18,64
●
.110
2,79
✔
✔
.032 0,81
60894-1
.148
3,76
.734
18,64
●
.110
2,79
✔
✔
22-16
0,30-1,50
.031 0,80
165566-1
.146
3,70
.780
19,80
●
.138
3,50
✔
3
.020 0,50
165565-1
.146
3,70
.780
19,80
●
.138
3,50
✔
✔
3
16-14
1,50-2,50
.020 0,51
165616-2
.146
3,70
.780
19,80
●
.170
4,30
✔
✔
3
.010 0,25
165617-2
.146
3,70
.780
19,80
●
.170
4,30
✔
✔
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12