| データシートサーチシステム |
|
SLG51003 データシート(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SLG51003 データシート(HTML) 39 Page - Renesas Technology Corp |
|
39 / 72 page ![]() SLG51003 Datasheet R16DS0379EU0100, Rev. 1.00 Sep 12, 2024 Page 39 There are two possible methods for clearing the event registers controlled by OTP bit I2C_CLR_MODE (register SYSCTL_SYS_CONF_D). ▪ CLR_MODE (= 0): each event or fault log register bit is cleared either when it is read or by writing a 1 to each bit. In this mode, the ‘read’ clears the entire register. This is the default mode. ▪ CLR_MODE (= 1): each event or fault log register bit is only cleared by writing a 1 to each bit. |