| データシートサーチシステム |
|
PCF8563TS/5 データシート(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563TS/5 データシート(HTML) 22 Page - NXP Semiconductors |
|
22 / 45 page ![]() PCF8563 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 11 — 26 October 2015 22 of 45 NXP Semiconductors PCF8563 Real-time clock/calendar 9.4 Acknowledge The number of data bytes transferred between the START and STOP conditions from transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge cycle. • A slave receiver, which is addressed, must generate an acknowledge after the reception of each byte. • Also a master receiver must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. • The device that acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse (set-up and hold times must be taken into consideration). • A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to enable the master to generate a STOP condition. Acknowledgement on the I2C-bus is illustrated in Figure 16. Fig 15. System configuration mba605 MASTER TRANSMITTER RECEIVER SLAVE RECEIVER SLAVE TRANSMITTER RECEIVER MASTER TRANSMITTER MASTER TRANSMITTER RECEIVER SDA SCL Fig 16. Acknowledgement on the I2C-bus mbc602 S START condition 9 8 2 1 clock pulse for acknowledgement not acknowledge acknowledge data output by transmitter data output by receiver SCL from master |